Part Number Hot Search : 
AMS236A 8016DCG7 MAX2402 KTK5131S BR100 2SC53 TLP2098 IRF9620
Product Description
Full Text Search
 

To Download R180F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  rectifier specialists r dc components co., l td. technical specifica tion s of high vol t age f ast recover y rectifier v o l t age range - 1200 to 3000 v olts current - 0.2 to 0.5 ampere features *fast switching *low leakage *high current capability *high surge capability *high reliability maximum ratings and electrical characteristics ratings at 25 o c ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20%. r1200f thru r3000f dimensions in inches and (millimeters) notes : test conditions: i f = 0.5a, i r = 1.0a, i rr = 0.25a mechanical data * case: molded plastic * epoxy: ul 94v-0 rate flame retardant * mounting position: any * weight: 0.35 gram maximum recurrent peak reverse voltage maximum rms volts maximum dc blocking voltage maximum average forward rectified current at t a = 50 o c peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load (jedec method) operating and storage temperature range symbol v rrm v dc i o i fsm t j , t stg v rms volts volts mamps 500 30 -65 to + 175 amps 0 c units 200 volts maximum full load reverse current average, full cycle v f i r 2.5 5.0 uamps maximum dc reverse current maximum instantaneous forward voltage at 0.5a/0.2a dc volts 4.0 100 .375* (9.5mm) lead length at t l = 55 o c uamps maximum reverse recovery time (note) at rated dc blocking voltage t a = 25 o c trr 500 nsec do-41 * lead: mil-std-202e, method 208 guaranteed * polarity: color band denotes cathode end r1200f r1500f r1800f r2000f r2500f r3000f 1200 1500 1800 2000 2500 3000 840 1050 1260 1400 1750 2100 1200 1500 1800 2000 2500 3000 5.0 150
r dc components co., l td . ra ting and characteristic curves (r1200f thru r3000f) 151


▲Up To Search▲   

 
Price & Availability of R180F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X